Part Number Hot Search : 
2SA2042 SMLJ60CA KMC4S110 LRG5AP 104J100 CY23S02 90HBW03T AT90S85
Product Description
Full Text Search
 

To Download 15KE100CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5KE6.8(C)A THRU 1.5KE440(C)A
Stand - Off Voltage - 6.8 to 440 Volts
TRANSIENT VOLTAGE SUPPRESSOR
Peak Pulse Power - 1500 Watt
FEATURES

Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time
DO-201AE
High Temperat Soldering Guaranteed : 265 C/10 sec/.375." (9.5mm) Lead Length, 51bs., (2.3kg) Tension
1.0 (25.4) MIN. 0.220(5.6) 0.197(5.0) DIA.
MECHANICAL DATA

0.375(9.5) 0.335(8.5)
Case: JEDEC DO-201 molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-750, Method 2026 Polarity: Cathode Band Except Bi-Directional Marking: Any Weight: 1.2grams(approx)
1.0 (25.4) MIN. 0.042(1.06) 0.038(0.96) DIA.
Dimensions in inches and (millimeters)
"C" Suffix Designates Bi-directional Devices "A" Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics
Characteristic Peak Pulse Power Dissipation at TA = 25C (Note 1, 2, 5) Figure 3 Peak Forward Surge Current (Note 3) Peak Pulse Current on 10/1000S Waveform (Note 1) Figure 1 Steady State Power Dissipation (Note 2, 4) Operating and Storage Temperature Range
@TA=25C unless otherwise specified
Symbol PPPM IFSM IPPM PM(AV) Tj, TSTG Value 1500 Minimum 200 See Table 1 5.0 -65 to +175 Unit W A A W C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25C per Figure 4. 2. Mounted on 40mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75C = TL . 5. Peak pulse power waveform is 10/1000S.
1.5KE6.8(C)A THRU 1.5KE440(C)A
Stand - Off Voltage - 6.8 to 440 Volts
TRANSIENT VOLTAGE SUPPRESSOR
Peak Pulse Power - 1500 Watt
Electronics Characteristics
1.5KE PART NUMBER UNI- POLAR 1.5KE6.8A 1.5KE7.5A 1.5KE8.2A 1.5KE9.1A 1.5KE10A 1.5KE11A 1.5KE12A 1.5KE13A 1.5KE15A 1.5KE16A 1.5KE18A 1.5KE20A 1.5KE22A 1.5KE24A 1.5KE27A 1.5KE30A 1.5KE33A 1.5KE36A 1.5KE39A 1.5KE43A 1.5KE47A 1.5KE51A 1.5KE56A 1.5KE62A 1.5KE68A 1.5KE75A 1.5KE82A 1.5KE91A 1.5KE100A 1.5KE110A 1.5KE120A 1.5KE130A 1.5KE150A 1.5KE160A 1.5KE170A 1.5KE180A 1.5KE200A 1.5KE220A 1.5KE250A 1.5KE300A 1.5KE350A 1.5KE400A 1.5KE440A BI-POLAR 1.5KE6.8CA 1.5KE7.5CA 1.5KE8.2CA 1.5KE9.1CA 1.5KE10CA 1.5KE11CA 1.5KE12CA 1.5KE13CA 1.5KE15CA 1.5KE16CA 1.5KE18CA 1.5KE20CA 1.5KE22CA 1.5KE24CA 1.5KE27CA 1.5KE30CA 1.5KE33CA 1.5KE36CA 1.5KE39CA 1.5KE43CA 1.5KE47CA 1.5KE51CA 1.5KE56CA 1.5KE62CA 1.5KE68CA 1.5KE75CA 1.5KE82CA 1.5KE91CA 1.5KE100CA 1.5KE110CA 1.5KE120CA 1.5KE130CA 1.5KE150CA 1.5KE160CA 1.5KE170CA 1.5KE180CA 1.5KE200CA 1.5KE220CA 1.5KE250CA 1.5KE300CA 1.5KE350CA 1.5KE400CA 1.5KE440CA REVERS REVERSE BREAKDOWN BREAKDOWN MAXIMUM PEAK E TEST STANDVOLTAGE VOLTAGE CLAMPING PULSE LEAKAGE CURREN OFF VBR(V) VBR(V) VOLTAGE CURREN @ V T IT (mA) VOLTAGE RWM MIN.@IT MAX.@IT @Ipp Vc(V) T Ipp (A) IR(A) VRWM(V) 5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00 376.00 6.45 7.13 7.79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17.10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37.10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77.90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237.00 285.00 332.00 380.00 418.00 7.14 7.88 8.61 9.50 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37.80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137.00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00 462.00 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 144.8 134.5 125.6 113.4 104.8 97.4 91.0 83.5 71.7 67.6 60.3 54.9 49.7 45.8 40.5 36.7 33.3 30.5 28.2 25.6 23.5 21.7 19.7 17.9 16.5 14.8 13.5 12.2 11.1 10.0 9.2 8.5 7.3 6.9 6.5 6.2 5.5 4.6 4.4 3.7 3.2 2.8 2.5 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
1.5KE6.8(C)A THRU 1.5KE440(C)A
RATINGS AND CHARACTERISTIC CURVES
100 100
PPPM-Peak Pulse Power (kW)
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage,%
1.0s 10s 100s 1.0ms 10ms
87.5 75 62.5 50 37.5 25 12.5 0 0 25 50 75 100 125 150 175 200
10
1
0.1 0.1s
Fig. 1 - Peak Pulse Power Rating Curve
150
10000
td - Pulse Width (sec.)
TA - Ambient Temperature (C)
Fig.2 - Pulse Derating Curve
IPPM - Peak Pulse Current,% IRSM
100
Peak Value IPPM Half Value- IPPM 2
is defined as the point where the peak current decays to 50% of IPPM
CJ - Capacitance (pF)
tr = 10sec.
TJ = 25C Pulse Width (t d)
Unidirectional Bidirectional
VR = 0
1000
VR = Rated Stand-off Voltage
100
50
10/1000sec.Waveform as defined by R.E.A.
f = 1MHz Vsig = 50mVp-p TJ = 25C
td
0
0
1.0
2.0
3.0
4.0
10
5
10
100
500
Fig.3 - Pulse Waveform
60Hz Resistive or Inductive Load
IFSM-Peak Forward Surge Current (A)
8.0
t - Time(ms)
Fig. 4 - Typical Junction Capacitance
200
VWM - Reverse Stand-Off Voltage (V)
8.3ms Single Half Sine-Wave (JEDEC Method)TJ=TJ max.
PM(AV),Steady State Power Diss ipat ion (W)
7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
L=0.375" (9.5mm) Lead Lengths
100
25
50
75
100
125
150
175
200
10
1
10
100
Fig. 5 - Steady State Power Derating Curve
TL - Lead Temperature (C)
Number of Cycles at 60 Hz
Fig.6 - Maximum Non-Repetitive Forward Surge Current Uni-Directional Only


▲Up To Search▲   

 
Price & Availability of 15KE100CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X